Part Number Hot Search : 
FAN604H MP103 BOARD 3386W200 CD3821 TA2057N MAX9990 MAX743
Product Description
Full Text Search
 

To Download MSM5117800C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 E2G0112-18-42
Semiconductor MSM5117800C
Semiconductor
This version: Apr. 1998 MSM5117800C
Pr el im in ar y
2,097,152-Word 8-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
DESCRIPTION
The MSM5117800C is a 2,097,152-word 8-bit dynamic RAM fabricated in Oki's silicon-gate CMOS technology. The MSM5117800C achieves high integration, high-speed operation, and low-power consumption because Oki manufactures the device in a quadruple-layer polysilicon/double-layer metal CMOS process. The MSM5117800C is available in a 28-pin plastic SOJ or 28-pin plastic TSOP.
FEATURES
* 2,097,152-word 8-bit configuration * Single 5 V power supply, 10% tolerance * Input : TTL compatible, low input capacitance * Output : TTL compatible, 3-state * Refresh : 2048 cycles/32 ms * Fast page mode, read modify write capability * CAS before RAS refresh, hidden refresh, RAS-only refresh capability * Multi-bit test mode capability * Package options: 28-pin 400 mil plastic SOJ (SOJ28-P-400-1.27) (Product : MSM5117800C-xxJS) 28-pin 400 mil plastic TSOP (TSOPII28-P-400-1.27-K) (Product : MSM5117800C-xxTS-K) (TSOPII28-P-400-1.27-L) (Product : MSM5117800C-xxTS-L) xx indicates speed rank.
PRODUCT FAMILY
Family MSM5117800C-50 MSM5117800C-60 MSM5117800C-70 Access Time (Max.) tRAC tAA tCAC tOEA 50 ns 25 ns 13 ns 13 ns 60 ns 30 ns 15 ns 15 ns 70 ns 35 ns 20 ns 20 ns Cycle Time Power Dissipation (Min.) Operating (Max.) Standby (Max.) 90 ns 110 ns 130 ns 660 mW 605 mW 550 mW 5.5 mW
1/16

Semiconductor
MSM5117800C
PIN CONFIGURATION (TOP VIEW)
VCC 1 28 VSS VCC 1
28 VSS
VSS 28
1 VCC
DQ1 2
27 DQ8
DQ1 2 DQ2 3 DQ3 4 DQ4 5
27 DQ8
DQ8 27 DQ7 26 DQ6 25 DQ5 24 CAS 23 OE 22 A9 21 A8 20 A7 19 A6 18 A5 17 A4 16 VSS 15
2 DQ1
DQ2 3 DQ3 4 DQ4 5 WE 6 NC 8
26 DQ7 25 DQ6 24 DQ5 23 CAS 22 OE 21 A9
26 DQ7 25 DQ6 24 DQ5 23 CAS 22 OE 21 A9
3 DQ2 4 DQ3 5 DQ4 6 WE 8 NC 7 RAS
WE 6 NC 8
RAS 7
RAS 7
A10R 9
20 A8 19 A7 18 A6 17 A5 16 A4
A10R 9
20 A8 19 A7 18 A6 17 A5 16 A4
9 A10R
A0 10 A1 11 A2 12 A3 13
A0 10 A1 11 A2 12 A3 13
10 A0 11 A1 12 A2 13 A3
VCC 14 28-Pin Plastic SOJ
15 VSS
VCC 14
15 VSS
14 VCC
28-Pin Plastic TSOP (K Type)
28-Pin Plastic TSOP (L Type)
Pin Name A0 - A9, A10R RAS CAS DQ1 - DQ8 OE WE VCC VSS NC
Function Address Input Row Address Strobe Column Address Strobe Data Input/Data Output Output Enable Write Enable Power Supply (5 V) Ground (0 V) No Connection
Note :
The same power supply voltage must be provided to every VCC pin, and the same GND voltage level must be provided to every VSS pin.
2/16
Semiconductor
MSM5117800C
BLOCK DIAGRAM
WE RAS CAS
10
OE
I/O Controller Output Buffers
8
Timing Generator
8
DQ1 - DQ8
Column Address Buffers Internal Address Counter
10 10
Column Decoders
8
Input Buffers
8
A0 - A9
Refresh Control Clock
Sense Amplifiers
8
I/O Selector
8
A10R
1
Row Row Address 11 DecoBuffers ders
Word Drivers
Memory Cells
VCC
On Chip VBB Generator On Chip IVCC Generator
VSS
3/16
Semiconductor
MSM5117800C
ELECTRICAL CHARACTERISTICS
Absolute Maximum Ratings
Parameter Voltage on Any Pin Relative to VSS Voltage on VCC Supply Relative to VSS Short Circuit Output Current Power Dissipation Operating Temperature Storage Temperature Symbol VIN,VOUT VCC IOS PD* Topr Tstg Rating -0.5 to VCC + 0.5 -0.5 to 7 50 1 0 to 70 -55 to 150 Unit V V mA W C C
*: Ta = 25C Recommended Operating Conditions
(Ta = 0C to 70C) Parameter Power Supply Voltage Input High Voltage Input Low Voltage Symbol VCC VSS VIH VIL Min. 4.5 0 2.4 -0.5*2 Typ. 5.0 0 -- -- Max. 5.5 0 VCC + 0.5*1 0.8 Unit V V V V
Notes : *1. The input voltage is VCC + 2.0 V when the pulse width is less than 20 ns (the pulse width is with respect to the point at which VCC is applied). *2. The input voltage is VSS - 2.0 V when the pulse width is less than 20 ns (the pulse width is with respect to the point at which VSS is applied). Capacitance
(VCC = 5 V 10%, Ta = 25C, f = 1 MHz) Parameter Input Capacitance (A0 - A9, A10R) Input Capacitance (RAS, CAS, WE, OE) Output Capacitance (DQ1 - DQ8) Symbol CIN1 CIN2 CI/O Typ. -- -- -- Max. 5 7 7 Unit pF pF pF
4/16
Semiconductor DC Characteristics
Parameter Output High Voltage Output Low Voltage Input Leakage Current
Symbol
MSM5117800C
(VCC = 5 V 10%, Ta = 0C to 70C) Condition MSM5117800 MSM5117800 MSM5117800 C-50 C-60 C-70 Unit Note Min. VOH IOH = -5.0 mA VOL IOL = 4.2 mA 0 V VI 6.5 V; ILI All other pins not under test = 0 V DQ disable 0 V VO VCC RAS, CAS cycling, tRC = Min. RAS, CAS = VIH RAS, CAS VCC -0.2 V RAS cycling, ICC3 CAS = VIH, tRC = Min. RAS = VIH, ICC5 CAS = VIL, DQ = enable ICC6 RAS cycling, CAS before RAS RAS = VIL, ICC7 CAS cycling, tPC = Min. -- 110 -- 100 -- 90 mA 1, 3 -- 120 -- 110 -- 100 mA 1, 2 -- 5 -- 5 -- 5 mA 1 -- 120 -- 110 -- 100 mA 1, 2 -10 10 -10 10 -10 10 mA 2.4 0 Max. VCC 0.4 Min. 2.4 0 Max. VCC 0.4 Min. 2.4 0 Max. VCC 0.4 V V
Output Leakage Current Average Power Supply Current (Operating) Power Supply Current (Standby) Average Power Supply Current (RAS-only Refresh) Power Supply Current (Standby) Average Power Supply Current (CAS before RAS Refresh) Average Power Supply Current (Fast Page Mode)
ILO
-10
10
-10
10
-10
10
mA
ICC1
-- -- --
120 2 1
-- -- --
110 2 1
-- -- --
100 2
mA
1, 2
ICC2
mA 1
1
Notes : 1. ICC Max. is specified as ICC for output open condition. 2. The address can be changed once or less while RAS = VIL. 3. The address can be changed once or less while CAS = VIH.
5/16
Semiconductor AC Characteristics (1/2)
MSM5117800C
(VCC = 5 V 10%, Ta = 0C to 70C) Note 1, 2, 3, 11, 12 Parameter Random Read or Write Cycle Time Read Modify Write Cycle Time Fast Page Mode Cycle Time Fast Page Mode Read Modify Write Cycle Time Access Time from RAS Access Time from CAS Access Time from Column Address Access Time from CAS Precharge Access Time from OE Output Low Impedance Time from CAS CAS to Data Output Buffer Turn-off Delay Time OE to Data Output Buffer Turn-off Delay Time Transition Time Refresh Period RAS Precharge Time RAS Pulse Width RAS Pulse Width (Fast Page Mode) RAS Hold Time RAS Hold Time referenced to OE CAS Precharge Time (Fast Page Mode) CAS Pulse Width CAS Hold Time CAS to RAS Precharge Time RAS Hold Time from CAS Precharge RAS to CAS Delay Time RAS to Column Address Delay Time Row Address Set-up Time Row Address Hold Time Column Address Set-up Time Column Address Hold Time Column Address to RAS Lead Time Read Command Set-up Time Read Command Hold Time Read Command Hold Time referenced to RAS
Symbol
MSM5117800 MSM5117800 MSM5117800 C-50 C-70 C-60 Unit Note Min. Max. -- -- -- -- 50 13 25 30 13 -- 13 13 50 32 -- 10,000
100,000
Min. 110 155 40 85 -- -- -- -- -- 0 0 0 3 -- 40 60 60 15 15 10 15 60 5 35 20 15 0 10 0 15 30 0 0 0
Max. -- -- -- -- 60 15 30 35 15 -- 15 15 50 32 -- 10,000
100,000
Min. 130 185 45 100 -- -- -- -- -- 0 0 0 3 -- 50 70 70 20 20 10 20 70 5 40 20 15 0 10 0 15 35 0 0 0
Max. -- -- -- -- 70 20 35 40 20 -- 20 20 50 32 -- 10,000
100,000
tRC tRWC tPC tPRWC tRAC tCAC tAA tCPA tOEA tCLZ tOFF tOEZ tT tREF tRP tRAS tRASP tRSH tROH tCP tCAS tCSH tCRP tRHCP tRCD tRAD tASR tRAH tASC tCAH tRAL tRCS tRCH tRRH
90 131 35 76 -- -- -- -- -- 0 0 0 3 -- 30 50 50 13 13 7 13 50 5 30 17 12 0 7 0 7 25 0 0 0
ns ns ns ns ns ns ns ns ns ns ns ns ns ms ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns 8 8 5 6 4, 5, 6 4, 5 4, 6 4 4 4 7 7 3
-- -- -- 10,000 -- -- -- 37 25 -- -- -- -- -- -- -- --
-- -- -- 10,000 -- -- -- 45 30 -- -- -- -- -- -- -- --
-- -- -- 10,000 -- -- -- 50 35 -- -- -- -- -- -- -- --
6/16
Semiconductor AC Characteristics (2/2)
MSM5117800C
(VCC = 5 V 10%, Ta = 0C to 70C) Note 1, 2, 3, 11, 12 Parameter Write Command Set-up Time Write Command Hold Time Write Command Pulse Width OE Command Hold Time Write Command to RAS Lead Time Write Command to CAS Lead Time Data-in Set-up Time Data-in Hold Time OE to Data-in Delay Time CAS to WE Delay Time Column Address to WE Delay Time RAS to WE Delay Time CAS Precharge WE Delay Time CAS Active Delay Time from RAS Precharge RAS to CAS Set-up Time (CAS before RAS) RAS to CAS Hold Time (CAS before RAS) WE to RAS Precharge Time (CAS before RAS) WE Hold Time from RAS (CAS before RAS) RAS to WE Set-up Time (Test Mode) RAS to WE Hold Time (Test Mode)
Symbol
MSM5117800 MSM5117800 MSM5117800 C-50 C-60 C-70 Unit Note Min. Max. Min. 0 10 10 15 15 15 0 15 15 40 55 85 60 10 10 10 10 10 10 10 Max. -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- Min. 0 15 10 20 20 20 0 15 20 50 65 100 70 10 10 10 10 10 10 10 Max. -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns ns 10 10 9 9 9 9 9 0 7 7 13 13 13 0 7 13 36 48 73 53 10 10 10 10 10 10 10 -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- --
tWCS tWCH tWP tOEH tRWL tCWL tDS tDH tOED tCWD tAWD tRWD tCPWD tRPC tCSR tCHR tWRP tWRH tWTS tWTH
7/16
Semiconductor Notes:
MSM5117800C
1. A start-up delay of 200 s is required after power-up, followed by a minimum of eight initialization cycles (RAS-only refresh or CAS before RAS refresh) before proper device operation is achieved. 2. The AC characteristics assume tT = 5 ns. 3. VIH (Min.) and VIL (Max.) are reference levels for measuring input timing signals. Transition times (tT) are measured between VIH and VIL. 4. This parameter is measured with a load circuit equivalent to 2 TTL loads and 100 pF. 5. Operation within the tRCD (Max.) limit ensures that tRAC (Max.) can be met. tRCD (Max.) is specified as a reference point only. If tRCD is greater than the specified tRCD (Max.) limit, then the access time is controlled by tCAC. 6. Operation within the tRAD (Max.) limit ensures that tRAC (Max.) can be met. tRAD (Max.) is specified as a reference point only. If tRAD is greater than the specified tRAD (Max.) limit, then the access time is controlled by tAA. 7. tOFF (Max.) and tOEZ (Max.) define the time at which the output achieves the open circuit condition and are not referenced to output voltage levels. 8. tRCH or tRRH must be satisfied for a read cycle. 9. tWCS, tCWD, tRWD, tAWD and tCPWD are not restrictive operating parameters. They are included in the data sheet as electrical characteristics only. If tWCS tWCS (Min.), then the cycle is an early write cycle and the data out will remain open circuit (high impedance) throughout the entire cycle. If tCWD tCWD (Min.) , tRWD tRWD (Min.), tAWD tAWD (Min.) and tCPWD tCPWD (Min.), then the cycle is a read modify write cycle and data out will contain data read from the selected cell; if neither of the above sets of conditions is satisfied, then the condition of the data out (at access time) is indeterminate. 10. These parameters are referenced to the CAS leading edge in an early write cycle, and to the WE leading edge in an OE control write cycle, or a read modify write cycle. 11. The test mode is initiated by performing a WE and CAS before RAS refresh cycle. This mode is latched and remains in effect until the exit cycle is generated. The test mode specified in this data sheet is a 2-bit parallel test function. CA9 is not used. In a read cycle, if all internal bits are equal, the DQ pin will indicate a high level. If any internal bits are not equal, the DQ pin will indicate a low level. The test mode is cleared and the memory device returned to its normal operating state by performing a RAS-only refresh cycle or a CAS before RAS refresh cycle. 12. In a test mode read cycle, the value of access time parameters is delayed for 5 ns for the specified value. These parameters should be specified in test mode cycle by adding the above value to the specified value in this data sheet.
8/16
E2G0093-17-41F Semiconductor MSM5117800C
,,, , ,,,,
TIMING WAVEFORM
Read Cycle
tRC tRAS tRP RAS VIH - VIL - tCRP tCRP tCSH tRCD VIH - CAS VIL - VIH - VIL - VIH - VIL - tRAD tRSH tCAS tRAL tASR tRAH tASC tCAH Address Row Column tRCS tRRH tRCH WE tAA tROH VIH - OE VIL - VOH - tOEA tRAC tCAC tOEZ tOFF DQ VOL - Open Valid Data-out tCLZ "H" or "L"
Write Cycle (Early Write)
tRC
tRAS
tRP
RAS
VIH - VIL -
tCRP
tCRP
tCSH
tRCD
tRSH
VIH - CAS VIL - VIH - VIL - VIH -
tRAD tRAH
tCAS
tASR
tASC
tCAH
tRAL
Address
Row
Column
tWCS
tWCH tWP
tCWL
WE
VIL - VIH -
tRWL
OE
VIL - VIH -
tDS
tDH
DQ
VIL -
Valid Data-in
Open
"H" or "L"
9/16
Semiconductor
,,,
MSM5117800C Read Modify Write Cycle
tRWC tRAS tRP RAS VIH - VIL - tCSH tCRP tCRP tRCD tRSH VIH - CAS VIL - tCAS tASR tRAH tASC tCAH VIH - Address VIL - VIH - VIL - VIH - VIL - VI/OH- Row Column tRAD tRWD tCWD WE OE tAA tAWD tCWL tRWL tWP tRCS tOEA tOED tOEH tCAC tRAC tOEZ tDS tDH DQ VI/OL- tCLZ Valid Data-out Valid Data-in "H" or "L"
10/16
Semiconductor
, ,, , , ,,
MSM5117800C Fast Page Mode Read Cycle
tRASP tRP VIH - RAS V - IL VIH - CAS VIL - VIH - VIL - VIH - VIL - tRHCP tCRP tRCD tPC tRSH tCRP tCP tCP tRAD tCAS tCAS tCAS tASR tRAH tASC tCSH tCAH tASC tCAH tASC tRAL tCAH Address Row Column Column Column tRCS tRCH tRCS tAA tRCH tRCS tAA tRCH WE tAA tRRH VIH - OE VIL - tOEA tCPA tCPA tOEA tOEA tCAC tRAC tOFF tOEZ tCAC tOFF tCAC tOFF tCLZ tOEZ tCLZ tOEZ VOH - DQ VOL - tCLZ
Valid Data-out Valid Data-out Valid Data-out
"H" or "L"
Fast Page Mode Write Cycle (Early Write)
tRASP tPC
tRP
VIH - RAS V - IL VIH - CAS VIL - VIH - VIL -
tRHCP
tCRP
tRCD
tRSH
tCRP
tCAS
tCP
tCP
tCAS
tCAS
tASR
tRAH tASC tRAD
tCSH tCAH
tASC
tCAH
tASC
tCAH
tRAL
Address
Row
tWCS
WE
VIH - VIL -
Column tCWL tWCH tWP
Column tCWL tWCS tWCH tWP
Column tRWL tCWL tWCS tWCH tWP tDS tDH
tDS
tDH
tDS
tDH
VIH - DQ VIL -
Valid Data-in
Valid Data-in
Valid Data-in
Note: OE = "H" or "L"
"H" or "L"
11/16
Semiconductor
Fast Page Mode Read Modify Write Cycle
VIH - RAS VIL -
VIH - CAS VIL -
Address
VIH - VIL -
V WE IH - VIL -
VIH - OE V - IL VI/OH- VI/OL -
DQ
RAS-Only Refresh Cycle
RAS
VIH - VIL -
CAS
VIH - VIL -
Address
VIH - VIL -
DQ
VOH - VOL -
,,,, , , ,
tRASP tRP tCSH tPRWC tRCD tCAS tCP tCAS tCP tRSH tCAS tCRP tRAD tRAH tCAH tASC tASC tASR tASC tCAH tCAH tRAL Row Column tRWD Column Column tRCS tCWD tCWL tRCS tCPWD tCWD tAWD tCWL tRCS tCPWD tCWD tAWD tRWL tCWL tAWD tRAC tDS tWP tDH tDS tWP tDH tROH tDS tWP tDH tAA tCPA tAA tCPA tAA tOEA tOEA tOEA tOED tOED tOED tCAC tOEZ tCAC tOEZ
In
MSM5117800C
tCAC
tOEZ
Out
In
Out
Out
In
tCLZ
tCLZ
tCLZ
"H" or "L"
tRC
tRAS
tRP
tCRP
tRPC
tASR
tRAH
Row
tOFF
Open
Note: WE, OE = "H" or "L"
"H" or "L"
12/16
Semiconductor CAS before RAS Refresh Cycle
tRC tRP RAS VIH - VIL - tRPC tCP CAS VIH - VIL - tWRP tWRH tCSR tCHR tRAS
MSM5117800C
tRP tRPC
,,, ,
WE VIH - VIL - tOFF DQ VOH - VOL - Open Note: OE, Address = "H" or "L" "H" or "L"
tWRP
Hidden Refresh Read Cycle
tRC
tRC
tRAS
tRP
tRAS
tRP
RAS
VIH - VIL - VIH - VIL -
tCRP
tRCD
tRSH
tCHR
CAS
tASR
tRAD tASC tRAH
tCAH
Address
VIH - VIL -
Row
Column
tRCS
tRAL
tRRH
VIH - WE V IL - VIH - OE V IL -
tAA
tROH
tOEA
tRAC
tCAC tCLZ
tOFF
tOEZ
DQ
VOH -
VOL -
Valid Data-out
"H" or "L"
13/16
Semiconductor Hidden Refresh Write Cycle
tRC tRAS RAS VIH - VIL - tRP tRC tRAS
MSM5117800C
tRP
CAS
Address
WE
OE
DQ
Test Mode Initiate Cycle
RAS
CAS
WE
DQ
, ,,,, ,
tCRP tRCD tRSH tCHR VIH - VIL - VIH - VIL - VIH - VIL - tASR tRAH tRAD tASC tCAH tRAL Row Column tWCS tWCH tWP tWRP tWRH VIH - VIL - VIH - VIL - tDS tDH Valid Data-in "H" or "L"
tRC
tRP
tRAS
VIH - VIL -
tRPC
tCP
tCSR
tCHR
VIH - VIL -
tWTS
tWTH
VIH - VIL -
tOFF
VOH - VOL -
Open
Note: OE, Address = "H" or "L"
"H" or "L"
14/16
Semiconductor
MSM5117800C
PACKAGE DIMENSIONS
(Unit : mm)
SOJ28-P-400-1.27
Mirror finish
Package material Lead frame material Pin treatment Solder plate thickness Package weight (g)
Epoxy resin 42 alloy Solder plating 5 mm or more 1.30 TYP.
Notes for Mounting the Surface Mount Type Package The SOP, QFP, TSOP, SOJ, QFJ (PLCC), SHP and BGA are surface mount type packages, which are very susceptible to heat in reflow mounting and humidity absorbed in storage. Therefore, before you perform reflow mounting, contact Oki's responsible sales person for the product name, package name, pin number, package code and desired mounting conditions (reflow method, temperature and times).
15/16
Semiconductor
MSM5117800C
(Unit : mm)
TSOPII28-P-400-1.27-K
Mirror finish
Package material Lead frame material Pin treatment Solder plate thickness Package weight (g)
Epoxy resin 42 alloy Solder plating 5 mm or more 0.51 TYP.
Notes for Mounting the Surface Mount Type Package The SOP, QFP, TSOP, SOJ, QFJ (PLCC), SHP and BGA are surface mount type packages, which are very susceptible to heat in reflow mounting and humidity absorbed in storage. Therefore, before you perform reflow mounting, contact Oki's responsible sales person for the product name, package name, pin number, package code and desired mounting conditions (reflow method, temperature and times).
16/16


▲Up To Search▲   

 
Price & Availability of MSM5117800C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X